|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module 168 pin unbuffered DIMM Modules HYS64V4120GU-10 HYS72V4120GU-10 * 168 Pin JEDEC Standard, Unbuffered 8 Byte Dual-In-Line SDRAM Module for PC main memory applications 2 bank 4M x 64, 4M x 72 organisation Optimized for byte-write non-parity or ECC applications Fully PC66 layout compatible JEDEC standard Synchronous DRAMs (SDRAM) Performance: -10 fCK tAC Max. Clock frequency Max. access time from clock 66 MHz @ CL=2 100 MHz @ CL=3 9 ns @ CL=2 8 ns @ CL=3 * * * * * * * Single +3.3V( 0.3V ) power supply Programmable CAS Latency, Burst Length and Wrap Sequence (Sequential & Interleave) Auto Refresh (CBR) and Self Refresh Decoupling capacitors mounted on substrate All inputs, outputs are LVTTL compatible Serial Presence Detect with E 2PROM Utilizes 16 / 18 2M x 8 SDRAMs in TSOPII-44 packages 4096 refresh cycles every 64 ms Gold contact pad Card Size: 133,35 mm x 29.21 mm x 4,00 mm for HYS64(72)V4120GU * * * * * * * * Semiconductor Group 1 2.98 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module The HYS64(72)V4120GU-10 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organised as 4M x 64 and 4M x 72 in two banks high speed memory arrays designed with Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use 16 2M x 8 SDRAMs for the 4M x 64 organisation and additional two SDRAMs for the 4M x 72 organisation. Decoupling capacitors are mounted on the PC board. The DIMMs have a serial presence detect, implemented with a serial E 2PROM using the two pin I 2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user. All SIEMENS 168-pin DIMMs provide a high performance, flexible 8-byte interface in a 133,35 mm long footprint. This SDRAM module is available with a board-height of 1,15" . Ordering Information Type HYS 64V4120GU-10 HYS 72V4120GU-10 Package L-DIM-168-25 L-DIM-168-25 Descriptions PC66 4M x 64 2 bank SDRAM module PC66 4M x 72 2 bank SDRAM module Module Height 1,15" 1,15" Pin Names A0-A10 BS (A11) DQ0 - DQ63 CB0-CB7 RAS CAS WE CKE0, CKE1 CLK0 - CLK3 DQMB0 - DQMB7 CS0 - CS3 Vcc Vss SCL SDA N.C. Address Inputs( RA0 ~ RA10 / CA0 ~ CA8) Bank Select Data Input/Output Check Bits (x72 organisation only) Row Address Strobe Column Address Strobe Read / Write Input Clock Enable Clock Input Data Mask Chip Select Power (+3.3 Volt) Ground Clock for Presence Detect Serial Data Out for Presence Detect No Connection Address Format: 4M x 64 4M x 72 Part Number HYS 64V4120GU HYS 72V4120GU Rows 11 11 Columns 9 9 Bank Select 1 1 Refresh 4k 4k Period 64 ms 64 ms Interval 15,6 s 15,6 s Semiconductor Group 2 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module Pin Configuration PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 Symbol VSS DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VCC DQ14 DQ15 NC (CB0) NC (CB1) VSS NC NC VCC WE DQMB0 DQMB1 CS0 DU VSS A0 A2 A4 A6 A8 A10 NC VCC VCC CLK0 PIN # 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Symbol VSS DU CS2 DQMB2 DQMB3 DU VCC NC NC NC (CB2) NC (CB3) VSS DQ16 DQ17 DQ18 DQ19 VCC DQ20 NC DU CKE1 VSS DQ21 DQ22 DQ23 VSS DQ24 DQ25 DQ26 DQ27 VCC DQ28 DQ29 DQ30 DQ31 VSS CLK2 NC NC SDA SCL VCC PIN # 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 Symbol VSS DQ32 DQ33 DQ34 DQ35 VCC DQ36 DQ37 DQ38 DQ39 DQ40 VSS DQ41 DQ42 DQ43 DQ44 DQ45 VCC DQ46 DQ47 NC (CB4) NC (CB5) VSS NC NC VCC CAS DQMB4 DQMB5 CS1 RAS VSS A1 A3 A5 A7 A9 A11=BS NC VCC CLK1 NC PIN # 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 Symbol VSS CKE0 CS3 DQMB6 DQMB7 NC VCC NC NC CB6 CB7 VSS DQ48 DQ49 DQ50 DQ51 VCC DQ52 NC DU NC VSS DQ53 DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VCC DQ60 DQ61 DQ62 DQ63 VSS CLK3 NC SA0 SA1 SA2 VCC Note : Pinnames in brackets are for the x72 ECC versions Semiconductor Group 3 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module CS1 CS0 CS DQMB0 DQ0-DQ7 DQM DQ0-DQ7 D0 CS DQMB1 DQ8-DQ15 DQM DQM DQM DQ0-DQ7 D8 CS DQMB5 DQ40-DQ47 DQM DQ0-DQ7 D5 CS DQMB4 DQ32-DQ39 DQM DQ0-DQ7 D4 CS DQM DQ0-DQ7 D13 CS DQM DQ0-DQ7 D12 CS CS DQ0-DQ7 DQ0-DQ7 D1 D9 CS DQM DQ0-DQ7 D16 CS DQM DQ0-DQ7 D17 CB0-CB7 CS3 CS2 CS DQMB2 DQ16-DQ23 DQM DQ0-DQ7 D2 CS DQMB3 DQ24-DQ31 DQM DQ0-DQ7 D3 DQM DQM CS DQMB6 DQ48-DQ55 DQM DQ0-DQ7 D10 CS DQMB7 DQ56-DQ63 DQM DQ0-DQ7 D11 CS DQM DQ0-DQ7 D6 CS DQM DQ0-DQ7 D7 CS DQ0-DQ7 D14 CS DQ0-DQ7 D15 E2PROM (256wordx8bit) A0-A10,BS VDD VSS C1-C15,(C16,C17) D0 - D7,(D8) D0 - D15,(D16,D17) D0 - D7,(D16) CLK0 VDD D0 - D15,(D16,D17) D0 - D15,(D16,D17) SA0 SA1 SA2 SA0 SA1 SA2 SCL SDA RAS, CAS, WE CKE0 10k CKE1 2 SDRAMs CLK1 2 SDRAMs 2 SDRAMs CLK3 2 SDRAMs 2 (3) SDRAMs 2 SDRAMs 2 (3) SDRAMs 2 SDRAMs D9 - D15,(D17) CLK2 Note: D16 & D17 is only used in the x72 ECC version and all resistor values are 10 Ohms except otherwise noted. Block Diagram for 4M x 64/72 SDRAM DIMM modules (HYS64/72V4120GU) Semiconductor Group 4 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module DC Characteristics TA = 0 to 70 C; VSS = 0 V; VDD,VDDQ = 3.3 V 0.3 V Parameter Input high voltage Input low voltage Output high voltage (IOUT = - 2.0 mA) Output low voltage (IOUT = 2.0 mA) Input leakage current, any input (0 V < VIN < 3.6 V, all other inputs = 0 V) Output leakage current (DQ is disabled, 0 V < VOUT < VCC) Symbol Limit Values min. max. Vcc+0.3 0.8 - 0.4 40 40 V V V V A A 2.0 - 0.5 2.4 - - 40 - 40 Unit VIH VIL VOH VOL II(L) IO(L) Capacitance TA = 0 to 70 C; VDD = 3.3 V 0.3 V, f = 1 MHz Parameter Symbol Limit Values max. (x64) Input capacitance (A0 to A11, RAS, CAS, WE) Input capacitance (CS0 -CS3, ) Input capacitance (CLK0 - CLK3) Input capacitance (CKE0, CKE1) Input capacitance (DQMB0 - DQMB7) Input / Output capacitance (DQ0-DQ63,CB0-CB7) Input Capacitance (SCL,SA0-2) Input/Output Capacitance max. (x72) 90 35 38 55 20 20 8 10 pF pF pF pF pF pF pF pF Unit CI1 CI2 CICL CI3 CI4 CIO Csc Csd 80 30 38 50 15 20 8 10 Semiconductor Group 5 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module Standby and Refresh Currents (Ta = 0 to 70 oC, VCC = 3.3V 0.3V) 1) Parameter Operating Current Symbol Icc1 Test Condition X64 Burst length = 4, CL=3 trc>=trc(min.), tck>=tck(min.), Io=0 mA 2 bank interleave operation CKE<=VIL(max), tck>=tck(min.) CKE<=VIL(max), tck=infinite CKE>=VIH(min), tck>=tck (min.), input changed once in 3 cycles CKE>=VIH(min), tck=infinite, no input change CKE<=VIL(max), tck>=tck(min.) CKE<=VIL(max), tck=infinite CKE>=VIH(min), tck>=tck (min.) input changed one time CKE=>VIH(min),tck=infinite, no input change Note X72 900 mA 1,2 800 Precharged Standby Current in Power Down Mode Precharged Standby Current in Nonpower Down Mode Active Standby Current in Power Down Mode Active Standby Current in Nonpower Down Mode Burst Operating Current Icc2P Icc2PS Icc2N Icc2NS Icc3P Icc3PS Icc3N Icc3NS Icc4 24 16 160 80 24 16 200 120 760 27 18 180 90 27 18 225 135 855 mA mA mA CS= High mA mA mA mA CS= High mA mA 1,2 Burst length = full page, trc = infinite, CL = 3, tck>=tck (min.), Io = 0 mA 2 banks activated trc>=trc(min) Auto (CBR) Refresh Current Self Refresh Current Icc5 720 810 mA 1,2 Icc6 CKE=<0,2V 16 18 mA 1,2 Semiconductor Group 6 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module AC Characteristics 3)4) TA = 0 to 70 C; VSS = 0 V; VCC = 3.3 V 0.3 V, tT = 1 ns Parameter Symbol Limit Values -10 min max Unit Note Clock and Clock Enable Clock Cycle Time CAS Latency = 3 CAS Latency = 2 CAS Latency = 1 System Frequency CAS Latency = 3 CAS Latency = 2 CAS Latency = 1 Clock Access Time CAS Latency = 3 CAS Latency = 2 CAS Latency = 1 Clock High Pulse Width Clock Low Pulse Width CKE Setup Time CKE Hold Time CKE Setup Time (Power down mode) CKE Setup Time (Self Refresh Exit) Transition time (rise and fall) tCK 10 15 30 ns ns ns 100 66 33 8 9 27 - - - - - - 30 MHz MHz MHz ns ns ns ns ns ns ns ns ns ns 6 6 6 8 5 fCK - - - tAC - - - tCH tCL tCKS tCKH tCKSP tCKSR tT 3.5 3.5 3 1 3 8 1 Common Parameters Command Setup time Command Hold Time Address Setup Time Address Hold Time RAS to CAS delay Cycle Time Active Command Period Precharge Time Bank to Bank Delay Time tCS tCH tAS tAH tRCD tRC tRAS tRP tRRD 3 1 3 1 30 75 45 30 20 - - - - - 120k 120k ns ns ns ns ns ns ns ns ns 6 6 6 6 - - Semiconductor Group 7 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module Parameter Symbol Limit Values -10 min max 1 - Unit Note CAS to CAS delay time (same bank) tCCD CLK Refresh Cycle Self Refresh Exit Time Refresh Period (4096 cycles) tSREX tREF 2Clk +tRC - 64 ns ms 8 7 - Read Cycle Data Out Hold Time Data Out to Low Impedance Time tOH tLZ 3 0 - - - 2 - - 6 8 25 - ns ns 9 tHZ Data Out to High Impedance Time CAS Latency = 3 CAS Latency = 2 CAS Latency = 1 DQM Data Out Disable Latency ns ns ns CLK tDQZ Write Cycle Data In Setup Time Data In Hold Time Data input to Precharge Data In to Active/refresh DQM Write Mask Latency tDS tDH tDPL tDAL tDQW 3 1 2 5 - - - - - ns ns CLK CLK 10 CLK 0 Semiconductor Group 8 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module Notes: 1. The specified values are valid when addresses are changed no more than once during tck(min.) and when No Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module bank. 2. The specified values are valid when data inputs (DQ' are stable during tRC(min.). s) 3. An initial pause of 100s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 4. AC timing tests have V il = 0.4 V and V ih = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between V ih and Vil. All AC measurements assume t T=1ns with the AC output load circuit shown. tCH 2.4 V CLOCK 0.4 V tCL tSETUP tHOLD tT + 1.4 V 50 Ohm INPUT 1.4V Z=50 Ohm I/O tAC tLZ tOH tAC 50 pF OUTPUT 1.4V tHZ fig.1 5. If clock rising time is longer than 1ns, a time (t T/2 -0.5) ns has to be added to this parameter. 6. If tT is longen than 1 ns, a time (t T -1) nshas to be added to this parameter. 7. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to " ake-up"the device. w 8. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. 9. Referenced to the time which the output achieves the open circuit condition, not to output voltage levels. 10.tDAL is equivalent to t DPL + tRP. Semiconductor Group 9 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module A serial presence detect storage device - E 2PROM - is assembled onto the module. Information about the module configuration, speed, etc. is written into the E 2PROM device during module production using a serial presence detect protocol ( I 2C synchronous 2-wire bus) PD-Table: Byte# Description SPD Entry Value Hex x64 x72 -10 -10 80 80 08 08 04 04 0B 0B 09 09 02 40 00 01 A0 80 00 80 08 00 01 8F 02 07 01 01 00 06 F0 90 78 6C 1E 14 02 48 00 01 A0 80 02 80 08 08 01 8F 02 07 01 01 00 06 F0 90 78 6C 1E 14 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for x8 SDRAM) Number of DIMM Banks Module Data Width Module Data Width (cont' d) Module Interface Levels SDRAM Cycle Time at CL=3 SDRAM Access Time from Clock at CL=3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM data width Minimum clock delay for back-to-back random column address Burst Length supported Number of SDRAM banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM module attributes SDRAM Device Attributes :General SDRAM Cycle Time at CL = 2 SDRAM Access Time from Clock at CL = 2 SDRAM Cylce Time at CL = 1 SDRAM Access Time from Clock at CL = 1 Minimum Row Precharge Time Minimum Row Active to Row Active delay tRRD 128 256 SDRAM 11 9 2 64 / 72 0 LVTTL 10.0 ns 8.0 ns none / ECC Self-Refresh, 15.6s x8 n/a / x8 tccd = 1 CLK 1, 2, 4, 8 & full page 2 CAS latency = 1, 2 &3 CS latency = 0 Write latency = 0 non buffered/non reg. Vcc tol +/- 10% 15.0 ns 9.0 ns 30 ns 27 ns 30 ns 20 ns Semiconductor Group 10 HYS64(72)V4120GU-10 4M x 64/72 SDRAM-Module SPD-Table (cont' ): d Byte# Description SPD Entry Value Hex x64 x72 -10 -10 1E 1E 2D 2D 04 04 FF FF 01 F4 FF FF 01 06 FF FF 29 30 31 32-61 Minimum RAS to CAS delay tRCD Minimum Ras pulse width tRAS Module Bank Density (per bank) Superset information (may be used in future) 62 SPD Revision 63 Checksum for bytes 0 - 62 64- Manufactures' information (optional) s 127 (FFh if not used) 128+ Unused storage locations 30 ns 45 ns 16 MByte Revision 1 L-DIM-168-25 HYS64(72)V4120GU-10 SDRAM DIMM Module package 133,35 127,35 4,0 3,0 1 10 11 42,18 66,68 A B 40 41 84 C 85 94 95 124 x) 125 168 6,35 3,125 3,125 6,35 1,27 2,54 min. 1,0 + 0.5 - 2,0 Detail A Detail B 2,0 Detail C DM168-25.WMF x) on ECC modules only Semiconductor Group 11 17,78 0,2 + 0,15 - 29.21 x) |
Price & Availability of HYS72V4120GU-10 |